Part Number Hot Search : 
2F5081 3J1H2 4533GEM 470M1 100000 2SD1616 NTE5348 B9031
Product Description
Full Text Search
 

To Download MM3Z30VT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM3Z2V4 Series
SURFACE MOUNT ZENER DIODES
SOD-323
.091(2.30) 1.63(2.70) .063(1.60) .071(1.80) .045(1.15) .053(1.35) 0.15R
.009(0.25) .016(0.40)
1
2
.031(0.80) .039(1.00) .0035(0.089) .015(0.377) .00(0.00) .004(0.10)
FEATURES
200mw Power Dissipation ldeal for Surface Mountted Application Zener Breakdown Voltage Range 2.4V to 75V
MECHANICAL DATA
Case SOD-323 Molded plastic Terminals Solder Plated, solderable per MIL-STD-202, Method 208 Polarity Cathode Indicated by Polarity Band Marking Marking Code (See Table on Page 3) Weigh 0.004grams (approx)
o
Maximum Ratings and Electrical Characteristics (at TA=25 C unless otherwise noted)
PARAMETER Total Power Dissipation on FR-5 Board Forward Voltage @ IF=10mA Junction and Storage Temperature Range NOTE 1. FR-4 Minimun Pad
(1)
SYMBOL @TA=25 C
(1)
0
VALUE 200 625 0.9
UNITS
mW
0
PD R
JA
Thermal Resistance Junction to Ambient Air
C/W V
0
VF TJ TSTG
-65 to +150
C
ELECTRICAL CHARCTERISTICS
(P inout 1- Anode, 2-No Connection, 3-Cathode) (TA=25oC unless otherwise noted, VF=0.9V Max.@IF=10mA)
SYMBOL VZ IZT ZZT IR VR IF VF VZ C PARAMETER Reverse Zener Voltage@ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF Maximum Temperature Coefficient of VZ Max. Capacitance @ VR=0 and f=1MHz
V I
Zener V oltage Regulator
Device Marking
LTEM MM3Z2V4 Series MARKING XX=Specific Device Code (See Table on page 3) EQUIVALENT CIRCUIT DIAGRAM 1 Cathode 2 Anode
www.paceleader.com.tw
1
MM3Z2V4 Series
SURFACE MOUNT ZENER DIODES
ELECTRICAL CHARCTERISTICS
(TA=25oC unless otherwise noted, VF=0.90 V Max.@IF=10mA for all types)
Zener Voltage (Note) Device Device Marking Min MM3Z2V4T1 MM3Z2V7T1 MM3Z3V0T1 MM3Z3V3T1 MM3Z3V6T1 MM3Z3V9T1 MM3Z4V3T1 MM3Z4V7T1 MM3Z5V1T1 MM3Z5V6T1 MM3Z6V2T1 MM3Z6V8T1 MM3Z7V5T1 MM3Z8V2T1 MM3Z9V1T1 MM3Z10VT1 MM3Z 11VT1 MM3Z 12VT1 MM3Z 13VT1 MM3Z 15VT1 MM3Z 16VT1 MM3Z 18VT1 MM3Z 20VT1 MM3Z 22VT1 MM3Z 24VT1 MM3Z 27VT1 MM3Z 30VT1 MM3Z 33VT1 MM3Z 36VT1 MM3Z 39VT1 MM3Z 43VT1 MM3Z 47VT1 MM3Z 51VT1 MM3Z 56VT1 MM3Z 62VT1 MM3Z 68VT1 MM3Z 75VT1 00 01 02 05 06 07 08 09 0A 0C 0E 0F 0G 0H 0K 0L 0M 0N 0P 0T 0U 0W 0Z 10 11 12 14 18 19 20 21 1A 1C 1D 1E 1F 1G 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 VZ Volts Nom 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.25 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 68 75 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 @IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 500 500 Zener Impedance ZZT@ IZT ZZK@ ZK mA 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
o
Leakage Current IR@VR A 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.2 0.1 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 Volts 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 7.0 8.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5
VZ(mV/K) @IZT Min 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 2.7 2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 Max 0 0 0 0 0 2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6
C @VR=0 f=1MHz 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
NOTE Zener voltage is measured with a pulse test current lz at an ambient temperature of 25 C
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of MM3Z30VT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X